Part Number Hot Search : 
AMS3107 52301 AR409PC 54190 XC4013D 11001 ASG100 LCX08
Product Description
Full Text Search
 

To Download AV8550 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 @vic
AV8550 TO-92 Plastic-Encapsulate Transistors
AV8550 TRANSISTOR PNP
FEATURES Power dissipation PCM : 1 WTamb=25 Collector current ICM : -1.5 A Collector-base voltage V(BR)CBO : -40 V Operating and storage junction temperature range TJTstg: -55 to +150
TO--92
1. EMITTER 2. BASE 3.COLLECTOR
1
23
ELECTRICAL CHARACTERISTICSTamb=25 unless otherwise specified
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO HFE1 DC current gain HFE2 Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter voltage VCE(sat) VBE(sat) VBE VCE=-1V , IC=-800 mA IC=-800 m,IB=-80 mA IC=-800mA,IB=-80 mA IE= -1.5A VCE=-10 V, IC=-50mA 40 -0.5 -1.2 -1.6 V V V Test conditions Ic= -100 A IE=0 IC= -0.1 mA , IB=0 IE= -100 A IC=0 VCB= -40 V , IE=0 VCE= -20 V , IE=0 VEB= -5 V , IC=0 85 MIN -40 -25 -6 -0.1 -0.1 -0.1 300 TYP MAX UNIT V V V A A A
VCE= -1V , IC=-100 mA
Transition frequency
fT
f =30 MHz
190
MHz
CLASSIFICATION OF HFE(1)
Rank
Range
B 85-160
C 120-200
D 160-300
Copyright (c) Avic Electronics Corp.
1
Website: http://www.avictek.com
@vic
TYPICAL PERFORMANCE CHARACTERISTICS
Fig.1 Static characteristics 0.5 Ic,Collector current (mA) 0.4 0.3 0.2 0.1 0 0
IB=3.0mA
AV8550
Fig.2 DC current Gain 103
VCE=1V
IB=2.0mA IB=1.5mA IB=1.0mA IB=0.5mA
HFE, DC current Gain
IB=2.5mA
102
101
1.6 2.0 0.4 0.8 1.2 Collector-Emitter voltage ( V)
100 10-1
101 100 103 102 Ic,Collector current (mA)
Fig.3 Base-Emitter on Voltage 102 Ic,Collector current (mA) Saturation voltage (mV)
VCE=1V
Fig.4 Saturation voltage 104
Ic=10*IB
101
103
VBE(sat)
100
102
VCE(sat)
10-1
0
0.6 0.8 1.0 0.2 0.4 Base-Emitter voltage ( V)
101
10-1
101 102 103 100 Ic,Collector current (mA)
Fig.5 Current gain-bandwidth product 103 Current Gain-bandwidth product,fT(MHz)
VCE=10V
Fig.6 Collector output Capacitance 103 Cob,Capacitance (pF)
F=1MHz IE=0
102
102
101
101
100 10
0
10
1
10
2
10
3
100
100
101
102
103
Ic,Collector current (mA)
Collector-Base voltage ( V)
Copyright (c) Avic Electronics Corp.
2
Website: http://www.avictek.com


▲Up To Search▲   

 
Price & Availability of AV8550

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X